PART |
Description |
Maker |
BC817-25-AE3-R BC817-40-AE3-R BC856-A-AE3-R BC817 |
NPN GENERAL PURPOSE AMPLIFIER npn型通用放大 NPN GENERAL PURPOSE AMPLIFIER 1500 mA, 45 V, NPN, Si, SMALL SIGNAL TRANSISTOR SWITCHING AND AMPLIFIER APPLICATIONS
|
UNISONIC TECHNOLOGIES CO LTD ??『绉???′唤?????? Unisonic Technologies Co., Ltd. 友顺科技股份有限公司 UTC[Unisonic Technologies]
|
MC1458 MC1458D SA1458N MC1458N MC1558N SA1458 SA14 |
General purpose operational amplifier(???杩???惧ぇ?? General purpose operational amplifier 通用运算放大 General purpose operational amplifier DUAL OP-AMP, 7500 uV OFFSET-MAX, 1 MHz BAND WIDTH, PDIP8 Battery-Backup Supervisor for Low Power Processors 14-TSSOP -40 to 85
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
FTSO4121 FTSO4122 FTSO3646 FTSO3693 FTSO3694 FTSO5 |
PNP small signal general purpose amplifier & switch. NPN high speed saturated logic switch. NPN small signal general purpose amplifier.
|
Fairchild Semiconductor
|
B120NH03L 2SA1020G 2SA1020RLRA 2SA1020RLRAG 2SA177 |
N-channel 30V - 0.005ohm - 60A - TO-220 / D2PAK / I2PAK STripFET Power MOSFET for DC-DC conversion One Watt High Current PNP Transistor VOLTAGE AND CURRENT ARE NEGATIVE FOR PNP TRANSISTORS PNP Silicon General Purpose Amplifier Transistor NPN Silicon General Purpose Amplifier Transistor NPN GENERAL PURPOSE AMPLIFIER TRANSISTORS SURFACE MOUNT Low-Voltage 1.8/2.5/3.3 V 8-Bit Transceiver Switching Diode MPPS Miniature Package Power Solutions DUAL 20V P-CHANNEL ENHANCEMENT MODE MOSFET Low?Voltage 1.8/2.5/3.3V 16?Bit Transparent Latch 8?Bit Bus Switch Low?Voltage 1.8/2.5/3.3V 16?Bit Transceiver
|
STMICROELECTRONICS ZETEX ONSEMI[ON Semiconductor]
|
2SC4695 |
TRANSISTOR | BJT | NPN | 20V V(BR)CEO | 500MA I(C) | TO-236 晶体管|晶体管|叩| 20V的五(巴西)总裁| 500mA的一(c)|36 NPN Epitaxial Planar Silicon Transistor for Low-Frequency General-Purpose Amplifier,Muting Applications(低频通用放大器,噪声抑制应用的NPN硅外延平面型晶体 NPN Epitaxial Planar Silicon Transistor Low-Frequency General-Purpose Amplifier, Muting Applications
|
Hitachi,Ltd. Sanyo Electric Co.,Ltd.
|
2N4401TFRNL |
NPN General Purpose Amplifier 600 mA, 40 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Fairchild Semiconductor, Corp.
|
2N4401-T92-B 2N4401-T92-K 2N4401L-T92-B 2N4401L-T9 |
NPN GENERAL PURPOSE AMPLIFIER 600 mA, 40 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Unisonic Technologies Co., Ltd. 友顺科技股份有限公司 UTC[Unisonic Technologies]
|
2N3904-T92-B 2N3904-T92-K 2N3904L-T92-K 2N3904 2N3 |
NPN GENERAL PURPOSE AMPLIFIER 200 mA, 40 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Unisonic Technologies Co., Ltd. 友顺科技股份有限公司 UTC[Unisonic Technologies]
|
MPS4124-D MPS4124RLRA |
Amplifier Transistor NPN Silicon Small Signal General Purpose NPN
|
ON Semiconductor
|
MPSH34 MPSH34D26Z MPSH34D75Z |
NPN Radio Frequency Transistor NPN General Purpose Amplifier
|
FAIRCHILD[Fairchild Semiconductor]
|
BCP56NL |
NPN General Purpose Amplifier 1200 mA, 80 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-261AA
|
Fairchild Semiconductor, Corp.
|